|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RECTRON SEMICONDUCTOR TECHNICAL SPECIFICATION SD101AWS SCHOTTKY DIODES FEATURES * Low Forward Voltage Drop * Guard Ring Construction for Transient Protection * Negligible Reverse Recovery Time SOD-323 MECHANICAL DATA * * * * * Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.004 grams .071(1.80) .063(1.60) .055(1.40) .047(1.20) .014(.35) .010(.25) .106(2.70) .098(2.50) .006(.15) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. .003(.08) MAX.039(1.00) REF .019(0.46) .004(.10) .000(.00) Dimensions in inches and (millimeters) MAXIMUM RATINGS (@T A =25 OC unless otherwise noted) RATINGS Peak Repetitive Peak reverse voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Maximum Forward Comtinuous Current Non-Repetitive Peak Forward Surge Current Maximum Power Dissipation Thermal Resistance junction to ambient Operating and Storage Temperature Range o SYMBOL VRMR VRWR VR VR(RMS) IFM @t<1.0S @t=10S SD101AWS UNITS 60 Volts 42 15 50 2.0 Volts mAmps mAmps Amps mW O IFSM PD RJA TJ,TSTG 200 300 -65 to + 125 C/W O C ELECTRICAL CHARACTERISTICS ( @ TA = 25 C unless otherwise noted ) CHARACTERISTICS Reverse Breakdown Voltage Reverse voltage leakage current Forward voltage Capacitance between terminals Reverse Recovery Time (IR=10A) (VR=50V) (IF=1.0mA) (IF=15mA) (VR=0V,f=1MHz) (IF=IR=5mA,RL= 100,Irr=0.1xIR) SYMBOL V(BR)R IR VF CT MIN. 60 TYP. MAX. 0.2 0.41 1.00 2.0 1.0 pF ns 2006-3 UNITS V A V trr RATING AND CHARACTERISTICS CURVES ( SD101AWS ) 500 PD.POWER DISSIPATION (mW) IF.FORWARD CURRENT(mA) 10 400 1.0 300 200 0.1 100 0 0.01 0 25 50 75 100 O 125 150 0 0.5 VF.FORWARD VOLTAGE(V) 1.0 TA.AMBIENT TEMPERATURE( C) Figure1 Power Derating Curve 2 Figure2 Typical Forward Characteristics 10 IR.REVERSE CURRENT(A) O Tj=25 C f=1MHz Ta=125 C O CT.TOTAL CAPACITANCE(pF) 1 Ta=75 C O 0.1 0.01 Ta=25 C Ta=0 C O O O 1 0.001 0 0 0.0001 10 20 30 40 50 Ta=-85 C 0 10 20 30 40 50 60 VR.REVERSE VOLTAGE (V) VR.REVERSE VOLTAGE (V) Figure3 Typical Total Capacitance vs Reverse Voltage Figure4 Typical Reverse Characteristics RECTRON DISCLAIMER NOTICE Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures. RECTRON |
Price & Availability of SD101AWS |